Part Number Hot Search : 
10EDA10 GBU6M LS103 ANX5808 CS5180 MIP0223S SY10E111 G5U1118
Product Description
Full Text Search
 

To Download TIP41A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
TIP41A/41B/41C
FEATURES Power dissipation PCM: 2 W (Tamb=25)
3. EMITTER
TRANSISTOR (NPN)
TO-220
1. BASE 2. COLLECTOR
Collector current ICM: 6 A Collector-base voltage V(BR)CBO: TIP41A : 60 V TIP41B : 80 V TIP41C : 100 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter 41A Collector-base breakdown voltage 41B 41C 41A Collector-emitter breakdown voltage 41B 41C Emitter-base breakdown voltage 41A 41B 41C 41A 41B 41C V(BR)EBO IE= 1mA, IC=0 VCB=60V, IE=0 VCB=80V, IE=0 VCB=100V, IE=0 VCE= 30V, IB= 0 ICEO VCE= 30V, IB= 0 VCE= 60V, IB= 0 IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency VCE(sat) VBE(on fT VCE=4 V, IC= 3A IC=6A, IB=0.6A VCE= 4V, IC=6A VCE=10V , IC=0.5A f =1MHz 3 15 VEB=5V, IC=0 VCE= 4V, IC= 0.3A 30 V(BR)CEO Ic= 30mA, IB=0 V(BR)CBO Ic= 1mA, IE=0
123
unless otherwise specified)
Test conditions MIN 60 80 100 60 80 100 5 V V V MAX UNIT
Symbol
Collector cut-off current
ICBO
0.4
mA
Collector cut-off current
0.7
mA
Emitter cut-off current
1
mA
75 1.5 2 V V MHZ


▲Up To Search▲   

 
Price & Availability of TIP41A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X